PART |
Description |
Maker |
LNTA4001NT1G LNTA4001NT3G |
Small Signal MOSFET 20 V, 238 mA, Single, N-Channel, Gate ESD Protection
|
Leshan Radio Company
|
MMBZ5230BL MMBZ5230BLT1 MMBZ5254BL MMBZ5263BL MMBZ |
Small Signal 4.7V 5% Small Signal 27V 5% 56V Zener Small Signal 33V 5% Small Signal 12V 5% Small Signal 13V 5% Small Signal 15V 5% Small Signal 20V 5%
|
ON Semiconductor
|
MMBZ5230BLT3 MMBZ5224BL MMBZ5224BLT1 MMBZ5221BL MM |
Small Signal 4.7V 5% Zener 2.8V 2.4V Zener Small Signal 27V 5% Zener 43V 5% Zener 47V 5% 51V Zener Zener 62V 5% 60V Zener Small Signal 6.8V 5% Small Signal 25V 5% Small Signal 9.1V 5% Zener Voltage Regulator 30V 5% Small Signal 16V 5% Small Signal Zener 36V 5% Small Signal 20V 5%
|
ON Semiconductor
|
SI4423DY SI4423DY-T1-E3 |
Trans MOSFET P-CH 20V 10A 8-Pin SOIC N T/R TRANSISTOR 10000 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
VP0300L-1TA VP0300L-1TR1 VP0300M-1TA VP0300M-1TR1 |
320 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-226AA 500 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-237AA TO-237, 3 PIN
|
Vishay Intertechnology, Inc.
|
BSP315P |
SIPMOS Small-Signal-Transistor Low Voltage MOSFETs - Small Signal MOSFET, -60V, SOT-223, RDSon = 0.80
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
SI4487DY-T1-GE3 |
TRANSISTOR 11600 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, HALOGEN FREE AND ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
ZXMD63C02XTC ZXMD63C02X ZXMD63C02XTA |
TWEEZER CURVED PRECISION TIP 2400 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-187AA 20V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET 2400 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-187AA MO-187, MSOP-8
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes, Inc.
|
BS107 Q67000-S078 |
From old datasheet system SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level) 130 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
|